Part Number Hot Search : 
2N4118 20150 L78M06CS MC145415 2SK688 10330 7N60F 105KA1
Product Description
Full Text Search
 

To Download 2SK2503 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
Silicon N-Channel MOSFET 2SK2503
IC MOSFET
Features
Low on-resistance. Fast switching speed. Wide SOA (safe operating area). Easily designed drive circuits.
+0.2 9.70-0.2 +0.15 0.50-0.15
+0.15 6.50-0.15 +0.2 5.30-0.2
TO-252
+0.15 1.50-0.15
+0.1 2.30-0.1 +0.8 0.50-0.7
Unit: mm
+0.1 0.80-0.1
0.127 max
+0.28 1.50-0.1
+0.25 2.65-0.1
+0.15 5.55-0.15
Easy to parallel.
2.3
+0.15 4.60-0.15
+0.1 0.60-0.1
1 Gate 2 Drain 3 Source
Absolute Maximum Ratings Ta = 25
Parameter Drain to source voltage Gate to source voltage Drain current Power dissipation Channel temperature Storage temperature * PW 10 s,Duty Cycle 1% Symbol VDSS VGSS ID Idp * PD Tch Tstg Rating 60 20 5 20 20 150 -55 to +150 Unit V V A A W
Electrical Characteristics Ta = 25
Parameter Drain source breakdown voltage Drain cut-off current Gate leakage current Gate threshold voltage Forward transfer admittance Drain to source on-state resistance Input capacitance Output capacitance Reverse transfer capacitance Turn-on delay time Rise time Turn-off delay time Fall time Symbol VDSS IDSS IGSS VGS(th) Yfs RDS(on) Ciss Coss Crss ton tr toff tf ID=2.5A,VGS(on)=10V,RG=10 ,RL=12 ,VDD=30V VDS=10V,VGS=0,f=1MHZ Testconditons ID=1mA,VGS=0V VDS=60V,VGS=0 VGS= 20V,VDS=0 VDS=10V,ID=1mA VDS=10V,ID=2.5A VGS=10V,ID=2.5A VGS=4V,ID=2.5A 1.0 4.0 0.11 0.17 520 240 100 5 20 50 20 0135 0.20 pF pF pF ns ns ns ns Min 60 10 100 2.5 Typ Max Unit V A nA V S
3.80
www.kexin.com.cn
1


▲Up To Search▲   

 
Price & Availability of 2SK2503

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X